Part Number Hot Search : 
MX25L1 1N5920B 01102 MMST2222 1241FBLC LT1120I A02010 IRF4905S
Product Description
Full Text Search
 

To Download REC22-4833SRWZH1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

2.2W DIP Package 1kVDC Isolation Regulated Output Wide Input Range 2 : 1 and 4 : 1 UL94V-0 Package Material Continuous Short Circuit Protection Cost Effective 100% Burned In Efficiency to 84%
ECONOLINE
DC/DC-Converter
REC2.2S_DRW/H1 Series
2.2 Watt DIP24 Single & Dual Output
Selection Guide
Part Number DIP24 REC2.2-xx3.3SRW/H1 REC2.2-xx05SRW/H1 REC2.2-xx09SRW/H1 REC2.2-xx12SRW/H1 REC2.2-xx15SRW/H1 REC2.2-xx3.3DRW/H1 REC2.2-xx05DRW/H1 REC2.2-xx09DRW/H1 REC2.2-xx12DRW/H1 REC2.2-xx15DRW/H1 REC2.2-xx3.3SRWZ/H1 REC2.2-xx05SRWZ/H1 REC2.2-xx09SRWZ/H1 REC2.2-xx12SRWZ/H1 REC2.2-xx15SRWZ/H1 REC2.2-xx3.3DRWZ/H1 REC2.2-xx05DRWZ/H1 REC2.2-xx09DRWZ/H1 REC2.2-xx12DRWZ/H1 REC2.2-xx15DRWZ/H1 2:1 Input (REC2.2-S/DRW/H1) xx = 4.5-9Vin = 05 xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-72Vin = 48 Input Voltage (VDC) 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 4.5 - 9, 9 - 18, 18 - 36, 36 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 9 - 36, 18 - 72 4:1 Input (REC2.2-S/DRWZ/H1) xx = 9-36Vin = 24 xx = 18-72Vin = 48 Output Voltage (VDC) 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 Output Current (mA) 600 440 244 183 146 300 220 122 91 73 600 440 244 183 146 300 220 122 91 73
AB C * add suffix "/A", "/B" or "/C" for Pinning, see next page M * add suffix "/M" for metal case e.g. REC2.2-2412SRW/H1/AM = / Pinout A "A" / metal case.
www.recom-international.com
24-June-2005
85
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Regulation (HL-LL) 2:1 Input types 4:1 Input types
REC2.2-S_DRW/H1 Series
2:1 & 4:1 1% max. 0.2% max. 0.2% max. 0.5% max. 50mVp-p max. 90kHz min. / 150kHz max. 120kHz min. / 180kHz max. Pi Network 84% max. 200mW typ.
Output Power (%)
100 80 60 50 40 20 0 -40 0 50 100 85 105 150
Load Regulation (for output load current change from 20% to 100%) Output Ripple and Noise (0,1F capacitor on output, 20MHz BW) Switching Frequency at Full Load 2:1 Input types and nominal Input Voltage 4:1 Input types Input Filter Efficiency at Full Load No Load Power Consumption
Derating-Graph
(Ambient Temperature)
Safe Operating Area
Isolation Voltage SMD Pinout and metal case (see note1) (tested for 1 second) 1.000VDC min. Rated Working Voltage (long term isolation) see Application Notes Isolation Capacitance 2:1 Input types 20pF min. / 60pF max. 4:1 Input types 40pF min. / 80pF max. Isolation Resistance Short Circuit Protection Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Case Material Thermal Impedance Package Weight MTBF (+25C) (+85C) Natural convection MSL Level 1 1 G min. Continuous -40C to +85C (see Graph) -55C to +125C 95% RH Non-Conductive Plastic 20C/W for metal case 12 g using MIL-HDBK 217F Detailed Information see Application Notes chapter "MTBF" using MIL-HDBK 217F 1102 x 10 hours 186 x 103 hours
3
Operating Temperature C
}
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1 Package A
3rd angle projection
32.00 10.20 3.81 4.60 0.51
20.30
Pin Connections 15.24 Pin # 2 3 9 11 14 16 22 2.54
Top View
Single -Vin -Vin NC NC +Vout - Vout +Vin +Vin
Dual -Vin -Vin Com -Vout +Vout Com +Vin +Vin
Recommended Footprint Details
1.00 o+0.15/0
23 9 Bottom View 23 22 16 14 11
23
2.54
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
86
24-June-2005
www.recom-international.com
ECONOLINE
DC/DC-Converter
REC2.2-S_DRW/H1 Series
20.30 10.20 3.81
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1 Package B
32.00
3rd angle projection
Pin Connections Pin # Single +Vin No Pin No Pin -Vout + Vout -Vin -Vin + Vout -Vout No Pin No Pin +Vin Dual +Vin -Vout Com Com + Vout -Vin -Vin + Vout Com Com -Vout +Vin
2.06
0.51
15.24
1 2 3 10 11 12 13 14 15 2.54
Top View
Recommended Footprint Details
1.00 o+0.15/0
123 Bottom View 24 23 22
10 11 12
15 14 13
22 23 24
2.54
XX.X 0.5 mm XX.XX 0.25 mm
Package C
32.00 10.20 3.81 2.06 0.51
20.30 Pin Connections Pin # 15.24 1 2 10 11 12 13 15 23
15 13 Top View
Single +Vin +Vin NC NC -Vout + Vout NC -Vin -Vin
Dual +Vin +Vin Com Com NC -Vout +Vout -Vin -Vin
Recommended Footprint Details
1.00 o+0.15/0
12 Bottom View 24 23
10 11 12
2.54
24
2.54
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
Mechanical drawings of DIP24 SMD case
32.00 31.40 11.20 10.90 3.81 6.35 20.30 25.40 19.90
2.54
Recommended Footprint Details
Pin area 0.1 x 0.50
12345
0.50
9 10 11 12
2.54
1.54 2.03
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.67 24.64
1
Top View
Tol.: 0.35 mm
11 x 2.54
27.94
length of plastic case is 31,8mm, length of metal case 32.0mm
www.recom-international.com 24-June-2005 87


▲Up To Search▲   

 
Price & Availability of REC22-4833SRWZH1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X